Part Number Hot Search : 
EMH11 CDRH8 1N5234 CDRH8 ISL9767 AIC1621 1E104 LT1008MH
Product Description
Full Text Search
 

To Download NG4UCZ5DC6V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NG4U
R2133923
22.5x12.5x19
E160644
Features Can be welded directly onto PCB. Used in household appliance like air conditioning , heater and instruments etc.
Ordering Information
NG4U C S 10 DC12V
1 2 3 4 5 4 Contact Current5A,10A 5 Coil rated Voltage(V)DC:6,12,24 1 Part numberNG4U 2 Contact arrangementA:1AC:1C 3 EnclosureS: Sealed typeZ: Dust cover
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 1A SPSTNO f1C SPDT(B-M) Ag CdO AgSnO2 5A,10A/125VAC,28VDC 280W 50m 10 10
5 7
1250VA Max. Switching Current:10A Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
30VDC 220VAC
Coil Parameter
Coil voltage VDC Pickup voltage VDC(max) (70%of rated voltage ) release voltage VDC(min) (10% of rated voltage)
Dash numbers
Coil resistance 10%
Coil power consumption W
Operate Time ms
Release Time ms
Rated 006-360 012-360 024-360 6 12 24
Max. 7.8 15.6 31.2 100 400 1600
4.2 8.4 16.8
0.6 1.2 2.4 0.36 10 5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
69
www.dblectro.com
NG4U
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 250M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 and item 8 of IEC255-5 IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
50Hz 750V 50Hz 2000V surge voltage 4kV 100m/s2 11ms 10~55Hz double amplitude 5N 235x2 3x0.5s -25~70 85% (at 40) 8.6g 1.5mm
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Safety approvals Safety approval Load
UL 10A/125VAC 5A/250VAC
TuV 5A/250VAC;28VDC
Dimensions (Unit: mm) mm
22.5 3.50.3 0.4 12.5
>acCa
5 3.75 4-1X0.4 1X0.16 15
Dimensions
Mounting (Bottom views)
0.16 0.3 0.4 1.0 1.3 3.5 3.75 5.0 7.5 10 12.5 15 19 22.5
0.006 0.012 0.016 0.039 0.051 0.138 0.148 0.197 0.295 0.394 0.492 0.591 0.748 0.886
19
1A
1C
Wiring diagram (Bottom views)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
7.5
10
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of NG4UCZ5DC6V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X